Part Number Hot Search : 
B2312BS1 ISL2902 4410014 DSK39K39 6A10S A115E 1000W UESP05D
Product Description
Full Text Search
 

To Download DF04SA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DF005SA thru DF10SA
New Product
Vishay Semiconductors
formerly General Semiconductor
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage
Case Style DFS
0.205 (5.2) 0.195 (5.0) 0.047 (1.20) 0.040 (1.02)
50 to 1000V Forward Current 1.0A
Mounting Pad Layout
0.047 Min. (1.20 Min.)
Dimensions in inches and (millimeters)
0.404 (10.3) 0.386 (9.80) 0.335 (8.51) 0.320 (8.13)
0.404 Max. (10.26 Max.) 0.060 Min. (1.52 Min.)
45o
0.255 (6.5) 0.245 (6.2)
0.130 (3.3) 0.120 (3.05)
0.013 (0.330) 0.009 (0.241)
0.205 (5.2) 0.195 (5.0)
0.060 (1.524) 0.040 (1.016)
Mechanical Data
0.013 (0.330) 0.003 (0.076)
Features
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * This series is UL listed under Recognized Component Index, file number E54214 * Glass passivated chip junctions * High surge overload rating of 30 Amperes peak * Ideal for printed circuit boards * High temperature soldering guaranteed: 260C/10 seconds at 5 lbs. (2.3kg) tension
(TA = 25C unless otherwise noted)
Case: Molded plastic body over passivated junctions Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Polarity: Polarity symbols marked on body Mounting Position: Any Weight: 0.014 oz., 0.4 g Packaging codes/options: 27/1.5K per 13" Reel (16mm Tape) 45/50 EA. per Tube-Bulk
Maximum Ratings and Thermal Characteristics
Parameter Device marking code Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward output rectified current at TA = 40C (2) Peak forward surge current single half sine-wave superimposed on rated load (JEDEC Method) TJ = 150C Rating for fusing (t < 8.3ms) Typical thermal resistance per leg
(2)
Symbol DF005SA DF01SA DF02SA DF04SA DF06SA DF08SA DF10SA DFA DFA DFA DFA DFA DFA DFA 005S 01S 02S 04S 06S 08S 10S VRRM 50 100 200 400 600 800 1000 VRMS 35 70 140 280 420 560 700 VDC 50 100 200 400 600 800 1000 IF(AV) IFSM It RJA RJL TJ, TSTG
2
Unit
V V V A A A sec
2
1.0 30 4.5 40 15 -55 to +150
C/W C
Operating junction and storage temperature range
Electrical Characteristics
(TA = 25C unless otherwise noted)
Maximum instantaneous forward voltage drop per leg at 1.0A Maximum DC reverse current TA = 25C at rated DC blocking voltage per leg TA = 125C Typical junction capacitance per leg (1)
VF IR CJ
1.1 5.0 500 25
V A pF
Notes: (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (2) Units mounted on P.C.B. with 0.51 x 0.51" (13 x 13mm) copper pads
Document Number 88574 25-Apr-03
www.vishay.com 1
DF005SA thru DF10SA
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 1 - Derating Curve Output Rectified Current
Average Forward Output Current (A)
1.0
60 HZ Resistive or Inductive Load
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current Per Leg
30
Peak Forward Surge Current (A)
25 20 15 10 5 0
1.0 Cycle
TJ = 150C Single Sine-Wave (JEDEC Method)
0.5
P.C.B mounted on 0.51 x 0.51" (13 x 13mm) Copper pads
0 20 40 60 80 100 120 140 160
1
10
100
Ambient Temperature (C)
Number of Cycles at 60 Hz
Fig. 3 - Typical Forward Characteristics Per Leg
Instantaneous Reverse Current (A) Instantaneous Forward Current (A)
10
100
Fig. 4 - Typical Reverse Leakage Characteristics Per Leg
10
1
TJ = 125C
1
0.1
TJ = 25C Pulse width = 300s 1% Duty Cycle
0.1
TJ = 50C
0.01 0 20 40 60 80 100
0.01 0.4
0.6
0.8
1.0
1.2
1.4
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (V)
Fig. 5 - Typical Junction Capacitance Per Leg
100
Fig. 6 - Typical Transient Thermal Impedance
Transient Thermal Impedance (C/W)
100
Junction Capacitance (pF)
TJ = 25C f = 1.0 MHz Vsig = 50mVp-p
10
10
1
1 1 10 100
0.1 0.01 0.1 1 10 100
Reverse Voltage (V)
www.vishay.com 2
t, Heating Time (sec.)
Document Number 88574 25-Apr-03


▲Up To Search▲   

 
Price & Availability of DF04SA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X